PART |
Description |
Maker |
LC66304A LC66P516 LC66306A LC66308A LC66354A LC663 |
4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
|
SANYO[Sanyo Semicon Device]
|
LC865508A |
8-Bit Single Chip Microcontroller with On-Chip 8K-Byte ROM and 512-Byte RAM(8位单片微控制器(带片K字节ROM12字节RAM
|
Sanyo Electric Co.,Ltd.
|
M30201MXT-XXXSP M30201MX-XXXFP M30201M4 M30201M2T |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single chip 16-bit CMOS microcomputer. RAM size 512 (byte), ROM size 16K (byte) Single chip 16-bit CMOS microcomputer. RAM size 1K (byte), ROM size 32K (byte)
|
Mitsubishi Electric Corporation
|
LC866020 LC866012 LC866016 LC866008C LC866012C LC8 |
8-BIT, MROM, 12.24 MHz, MICROCONTROLLER, PDIP64 CMOS IC 8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08K-Byte ROM and 384-Byte RAM
|
Sanyo
|
UPD70F3116GJ-UEN UPD703116GJA1-XXX-UEN UPD703116GJ |
V850E/IA1 Flash products ROM: 256K-byte, RAM: 10K-byte V850E/IA1 mask product ROM: 256 KB RAM: 10 KB
|
NEC
|
ENA0125B |
CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
LC66354B |
Four-bit Single-Chip Microcontrollers On-Chip 4 K/6 K/8 K-byte ROM CMOS LSI
|
Sanyo
|
SLE44C84S |
8-bit Security Controller with 26-Kbyte ROM, 256-byte RAM, 512-byte XRAM and 8-Kbyte EEPROM(8位安全微控制6K字节ROM,256字节RAM,512字节XRAM,8-K字节EEPROM)) 8位安全控制器6字节ROM56字节RAM12字节XRAM8字节的EEPROM8位安全微控制器(带光6万字节,256字节的RAM12字节XRAM8 -亩字节的EEPROM))
|
SIEMENS AG
|
AT05SC1604R |
AT05SC1604R Summary [Updated 8/02. 2 Pages] AT05SC1604R摘要[更新8日2页] Secure Microcontroller for Smart Cards Low-power, industry standard 8-bit secure microcontroller with 16K Byte ROM, 4K Byte EEPROM, 1K RAM
|
Bivar, Inc. ATMEL[ATMEL Corporation]
|
LC573202A |
4-Bit Microcontroller with 2K-Byte ROM, 64 × 4Bits RAM and LCD Driver 4-Bit Microcontroller with 2K-Byte ROM, 64 】 4Bits RAM and LCD Driver CMOS IC 4-Bit Microcontroller with 2K-Byte ROM, 64 4Bits RAM and LCD Driver 4-Bit Microcontroller with 2K-Byte ROM / 64 4Bits RAM and LCD Driver
|
SANYO[Sanyo Semicon Device]
|